PART |
Description |
Maker |
EP8274NBSP EP8274 EP8289 EP8290 EP8291 EP8292 EP82 |
14 Pin DIP 5 Tap Low Power TTL Compatible Active Delay Lines ACTIVE DELAY LINE, TRUE OUTPUT, PDIP8 CPU Supervisor with 16Kbit SPI EEPROM; Temperature Range: -40°C to 85°C; Package: 8-PDIP CPU Supervisor with 16Kbit SPI EEPROM; Temperature Range: 0°C to 70°C; Package: 8-PDIP CPU Supervisor with 8Kbit SPI EEPROM; Temperature Range: 0°C to 70°C; Package: 8-SOIC CPU Supervisor with 8Kbit SPI EEPROM; Temperature Range: 0°C to 70°C; Package: 8-TSSOP CPU Supervisor with 8Kbit SPI EEPROM; Temperature Range: -40°C to 85°C; Package: 8-TSSOP CPU Supervisor with 8Kbit SPI EEPROM; Temperature Range: -40°C to 85°C; Package: 8-SOIC From old datasheet system Tapped Delay Line
|
PCA ELECTRONICS INC. PCA Electronics Inc
|
EP8203-HL EP8200-HL EP8214-HL EP8209-HL EPA073HL-3 |
CPU Supervisor with 4k SPI EEPROM; Temperature Range: -40°C to 85°C; Package: 8-PDIP CPU Supervisor with 4k SPI EEPROM; Temperature Range: -40°C to 85°C; Package: 8-MSOP CPU Supervisor with 4k SPI EEPROM; Temperature Range: -40°C to 85°C; Package: 14-TSSOP CPU Supervisor with 4k SPI EEPROM; Temperature Range: -40°C to 85°C; Package: 8-SOIC Tapped Delay Line Quad Digitally Controlled Potentiometers (XDCP); Temperature Range: -40°C to 85°C; Package: 24-TSSOP Quad Digitally Controlled Potentiometers (XDCP); Temperature Range: 0°C to 70°C; Package: 24-SOIC CPU Supervisor with 4k SPI EEPROM; Temperature Range: 0°C to 70°C; Package: 8-SOIC CPU Supervisor with 4k SPI EEPROM; Temperature Range: 0°C to 70°C; Package: 8-PDIP Dual Digitally Controlled Potentiometers (XDCPs); Temperature Range: -40°C to 85°C; Package: 14-TSSOP RTC Module With CPU Supervisor 时钟模块CPU监控
|
3M Company
|
X5165PI X5163V14I-2.7T1 X5165V14-2.7T1 X5165V14I-2 |
CPU Supervisor with 16Kbit SPI EEPROM Description THYRISTOR MODULE, 95A, 0800V; Thyristor/Triac type:Thyristor; Voltage, Vdrm:800V; Current, It rms:150A; Current, Itsm:2000A; Current, Igt:150mA; Voltage, Vgt:3.0V; Case style:SEMIPACK 1; Centres, fixing:80mm; Current, It av:95A; RoHS Compliant: Yes RTC Module With CPU Supervisor ; Repetitive Reverse Voltage Max, Vrrm:1600V; Current, It av:70A; Forward Current:125A; Operating Temp. Max:125 ; Package/Case:SEMIPACK 1; Peak
|
http:// Intersil Corporation
|
X5323 X5323PIZ-2.7 X5323PIZ-2.7A |
CPU Supervisor with 32kBit SPI EEPROM
|
Renesas Electronics Corporation
|
EP6700-1 EP6700-10 EP6700-11 EP6700-12 EP6700-14 E |
14 Pin Single-in-Line Package Passive Delay Lines CPU Supervisor with 4kbit EEPROM; Temperature Range: -40°C to 85°C; Package: 8-MSOP CPU Supervisor with 4kbit EEPROM; Temperature Range: -40°C to 85°C; Package: 8-PDIP CPU Supervisor with 4kbit EEPROM; Temperature Range: -40°C to 85°C; Package: 8-SOIC CPU Supervisor with 4kbit EEPROM; Temperature Range: 0°C to 70°C; Package: 8-PDIP CPU Supervisor with 4kbit EEPROM; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R CPU Supervisor with 4kbit EEPROM; Temperature Range: 0°C to 70°C; Package: 8-MSOP CPU Supervisor with NOVRAM and Output Ports; Temperature Range: -40°C to 85°C; Package: 20-TSSOP RTC Module With CPU Supervisor
|
PCA ELECTRONICS INC.
|
CAT150029MWI-GT3 CAT150049MWI-GT3 CAT150021JWI-GT3 |
Voltage Supervisor with 2-Kb and 4-Kb SPI Serial CMOS EEPROM Supervisor with 2 k SPI EEPROM 2K X 1 SPI BUS SERIAL EEPROM, PDSO8
|
ON Semiconductor
|
X40010S8-A X40010V8I-A X40015V8I-C X40014V8-C X400 |
Dual voltage monitoring CPU supervisor with power-on-reset, low voltage reset, watchdog timer, fault detection register, WDO output, active high reset RECTIFIER DIODES,COMMON CATHODE,1.5KV V(RRM),MODULE-S RS232 CURRENT LOOP INTRFACE General Purpose Relay 双电压监视器集成CPU监控 Dual Voltage Monitor with Integrated CPU Supervisor 双电压监视器集成CPU监控 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 双电压监视器集成CPU监控
|
Xicor Intersil, Corp.
|
X4045PIZ-4.5A X4043PIZ-4.5A X4043P-4.5A X4043M8 X4 |
OSC 3.3V SMT 7X5 CMOS 5M STRT SE CONNECTOR,DC,2-PIN 16 Characters x 1 Lines, 5x7 Dot Matrix Character and Cursor 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDIP8 RTC Module With CPU Supervisor 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDIP8 RTC Module With CPU Supervisor 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8
|
Intersil Corporation Intersil, Corp.
|
X5001PIZ-2.7A X5001PI-2.7A X5001S8I-2.7 X5001S8IZ- |
RTC Module With CPU Supervisor 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDIP8 RTC Module With CPU Supervisor 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8
|
Intersil, Corp.
|